Part Number Hot Search : 
3155EIBZ 57737 G0085 CZRB5947 M2872AF FDH900 FDH900 FDH900
Product Description
Full Text Search
 

To Download G2R-1-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General-purpose Relay
The New-generation General-purpose Relay
Reliable and unique test button models now available. High switching capacity (1-pole: 10 A) Highly functional socket also available. Space-saving (29 (H) x 13 (W) x 29 (D)) Conforms to UL508, CSA22.2, VDE0435 (C250 insulation grade). 8-mm creepage distance / 8-mm air distance
G2RS
RC+EW Ordering Information
Classification C ass ca o Plug-in ug terminal t il General-purpose LED indicator LED indicator with test button Diode LED indicator and diode LED indicator and diode with test button Plug-in ug terminal t il (Twin crossbar contact) Note: General-purpose LED indicator LED indicator and diode DC AC/DC C/ C DC C Degree of eg ee o t ti protection U sea ed Unsealed Coil ratings Co a gs SPST-NO AC/DC C/ C ------------Contact form SPDT G2R-1-S G2R-1-SN G2R-1-SNI G2R-1-SD G2R-1-SND G2R-2-SNDI ------------DPST-NO DPDT G2R-2-S G2R-2-SN G2R-2-SNI G2R-2-SD G2R-2-SND G2R-2-SNDI
G2R-1A3-S G2R-1A3-SN G2R-1A3-SND
G2R-13-S G2R-13-SN G2R-13-SND
-------
-------
When ordering, add the rated coil voltage to the model number. Example: G2R-1A 12 VDC Rated coil voltage
Model Number Legend: G2R 1 234 56 7
4. Contact Type None:Single 3: Bifurcated crossbar 5. Terminals S: Plug-in 6. Classification None:General-purpose N: LED indicator D: Diode ND: LED indicator and diode I: Test button 7. Rated Coil Voltage
1. Relay Function None:General-purpose 2. Number of Poles 1: 1 pole 2: 2 poles 3. Contact Form None:SPDT A: SPST-NO
2
G2RS Accessories (Order Separately)
Connecting Sockets
Number of poles 1 pole 2 poles Note: Applicable relay model G2R-1-S(N)(D)(ND)(NI)(NDI) G2R-13-S (G2R-1A3-S) G2R-2-S(N)(D)(ND)(NI)(NDI) Track/surface mounting socket P2RF-05-E P2RF-05 P2RF-08-E P2RF-08 See Dimensions for details on socket size. Back mounting socket Terminals PCB terminals Solder terminals PCB terminals Solder terminals Model
G2RS
P2R-05P, P2R-057P P2R-05A P2R-08P, P2R-087P P2R-08A
Mounting Tracks
Applicable socket Track connecting socket Description Mounting track Model 50 cm ( ) x 7.3 mm (t): PFP-50N 1 m ( ) x 7.3 mm (t): PFP-100N 1 m ( ) x 16 mm (t): PFP-100N2 PFP-M PFP-S P2R-P*
End plate Spacer Back connecting socket Mounting plate
*Used to mount several P2R-05A and P2R-08A Connecting Sockets side by side.
Specifications
Coil Ratings
Rated voltage Rated current* 50 Hz 60 Hz Coil resistance* Coil inductance (H) (ref. value) Armature OFF Armature ON 12 VAC 93 mA 75 mA 65 0.19 0.39 24 VAC 46.5 mA 37.5 mA 260 0.81 1.55 100/ (110) VAC 11 mA 9/ (10.6) mA 4,600 13.34 26.84 120 VAC 9.3 mA 7.5 mA 6,500 21 42 200/ (220) VAC 5.5 (4.0) mA 4.5 (5.3) mA 20,200 (25,000) 51.3 102 220 VAC 5.1 mA 4.1 mA 25,000 57.5 117 230 VAC 4.7 (3.7) mA 3.8 (3.1) mA 26,850 (30,000) 62 124 240 VAC 4.7 mA 3.8 mA 30,000 65.5 131
Must operate voltage Must release voltage Max. voltage Power consumption Note:
80% max. of rated voltage 30% max. of rated voltage 110% of rated voltage Approx. 0.9 VA at 60 Hz (approx. 0.7 VA at 60 Hz)
1. Rated voltage of bifurcated crossbar contact type: 100/(110) VAC, 200/(220) VAC, 230 VAC (Approx. 0.7 VA at 60 Hz) 2. Depending on the type of Relay, Some Relays do not have coil specifications. Contact your OMRON representative for more details.
Rated voltage Rated current* (50/60 Hz) Coil resistance* Coil inductance (H) (ref. value) Armature OFF Armature ON
5 VDC 106 mA 47 0.20 0.39
6 VDC 88.2 mA 68 0.28 0.55
12 VDC 43.6 mA 275 1.15 2.29
24 VDC 21.8 mA 1,100 4.27 8.55
48 VDC 11.5 mA 4,170 13.86 27.71
100 VDC 5.3 mA 18,860 67.2 93.2
Must operate voltage Must release voltage Max. voltage Power consumption Note:
70% max. of rated voltage 15% min. of rated voltage 110% of rated voltage Approx. 0.53 W
Rated voltage of bifurcated crossbar contact type: 12 VDC, 24 VDC
3
G2RS Contact Ratings
Plug-in Terminal Relays
Number of poles Load Rated load Rated carry current Max. operating voltage Max. operating current Max. switching capacity Min. permissible load Note: 1 pole Resistive load (cos = 1) 10 (1) A at 250 VAC; 10 (1) A at 30 VDC 10 (1) A 380 VAC, 125 VDC 10 (1) A 2,500 (250) VA, 300 (30) W 1,875 VA, 150 W Inductive load (cos = 0.4; L/R = 7 ms) 7.5 A at 250 VAC; 5 A at 30 VDC 2 poles Resistive load (cos = 1) 5 A at 250 VAC; 5 A at 30 VDC 5A 380 VAC, 125 VDC 5A 1,250 VA, 150 W 10 mA at 5 VDC 500 VA, 90 W
G2RS
Inductive load (cos = 0.4; L/R = 7 ms) 2 A at 250 VAC; 3 A at 30 VDC
100 mA at 5 VDC (1 mA at 5 VDC)
1. P level: 60 = 0.1 x 10-6/operation 2. ( ): Twin crossbar contact type.
Characteristics
Standard Relays
Item Contact resistance Operate (set) time Release (reset) time Max. operating frequency Insulation resistance Dielectric strength 30 m max. 15 ms max. AC: 10 ms max.; DC: 5 ms max. (w/built-in diode: 20 ms max.) Mechanical: Electrical: 18,000 operations/hr 1,800 operations/hr (under rated load) 5,000 VAC, 50/60 Hz for 1 min between coil and contacts*; 3,000 VAC, 50/60 Hz for 1 min between contacts of different polarity 1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity 1 pole 50 m max. 2 poles
1,000 M min. (at 500 VDC) 5,000 VAC, 50/60 Hz for 1 min between coil and contacts*; 1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
Vibration resistance Shock resistance Life expectancy
Destruction: 10 to 55 Hz, 1.5-mm double amplitude Malfunction: 10 to 55 Hz, 1.5-mm double amplitude Destruction: 1,000 m/s2 (approx. 100G) Malfunction: 200 m/s2 when energized (approx. 20G); 100 m/s2 when no energized (approx. 10G) Mechanical: AC coil: 10,000,000 operations min.; DC coil: 20,000,000 operations min. (at 18,000 operations/hr) Electrical: 100,000 operations min. (at 1,800 operations/hr under rated load) Operating: -40C to 70C (with no icing) Storage: -40C to 70C (with no icing) Operating: 35% to 85% Storage: 35% to 85% Approx. 17 g (plug-in terminal: approx. 20 g)
Ambient temperature Ambient humidity Weight Note:
Values in the above table are the initial values. *2,000 VAC, 50/60 Hz for 1 minute when the P2R-05A or P2R-08A socket is mounted.
4
G2RS Approved Standards
UL 508 (File No. E41643)
Model G2R-1-S G2R-1A-S G2R-2-S Contact form SPDT SPST-NO DPDT Coil ratings 5 to 110 VDC 5 to 240 VAC Contact ratings 10 A, 30 VDC (resistive) 10 A, 250 VAC (general use) , (g ) TV 3 (NO contact only) t t l) TV-3 5 A, 30 VDC (resistive) 5 A, 250 VAC (general use) TV-3 (NO contact only)
G2RS
CSA 22.2 No.0, No.14 (File No. LR31928)
Model G2R-1-S G2R-1A-S G2R-2-S Contact form SPDT SPST-NO DPDT Coil ratings 5 to 110 VDC 5 to 240 VAC Contact ratings 10 A, 30 VDC (resistive) 10 A, 250 VAC (general use) , (g ) TV 3 (NO contact only) t t l) TV-3 5 A, 30 VDC (resistive) 5 A, 250 VAC (general use) TV-3 (NO contact only)
SEV (SEV 1025-1, IEC 158-1)
Contact form 1 poles Coil ratings 5 to 110 VDC 5 to 240 VAC 5 to 240 VAC 10 A, 250 VAC1 5 A, 250 VAC3 10 A, 30 VDC1 5 A, 250 VAC1 2 A, 380 VAC1 5 A, 30 VDC1 Contact ratings
2 poles
TUV (IEC 255, VDE 0435)
Contact form 1 pole 2 poles Coil ratings 3 to 110 VDC, 6 VAC to 240 VAC (for Standards coil) ( ) Contact ratings 10 A, 250 VAC (cos = 1.0) 10 A, 30 VDC (0 ms) 5 A, 250 VAC (cos =1.0) 5 A, 30 VDC (0 ms) 2.5 A, 250 VAC (cos = 0.4)
VDE (IEC 255, VDE 0435)
Contact form 1 pole Coil ratings 5, 6, 9, 12, 18, 24, 48, 60, 100, 110 VDC 12, 18, 24, 48, 50, 100/(110), 110, 120, 200/(220), 220, 230, 240 VAC 5, 6, 9, 12, 18, 24, 48, 60, 100, 110 VDC 12, 18, 24, 48, 50, 100/(110), 110, 120, 200/(220), 220, 230, 240 VAC Contact ratings 10 A, 250 VAC (cos = 1.0) 10 A, 30 VDC (0 ms) 5 A, 250 VAC (cos =1.0) 5 A, 30 VDC (0 ms)
2 poles
5
G2RS
G2RS
Engineering Data
Max. Switching Capacity
Plug-in Relays
G2R-1-S G2R-2-S G2R-13-S, G2R-1A3-S
Switching current (A)
Switching current (A)
Switching current (A)
AC inductive load (cos = 0.4)
AC resistive load
AC inductive load (cos = 0.4)
AC resistive load
AC inductive load (cos = 0.4)
AC resistive load
DC resistive load DC inductive load (L/R = 7 ms)
DC resistive load DC inductive load (L/R = 7 ms)
DC inductive load (L/R = 7 ms) DC resistive load
Switching voltage (V)
Switching voltage (V)
Switching voltage (V)
Life Expectancy
Plug-in Relays
G2R-1-S Life expectancy (x103 operations) Life expectancy (x103 operations)
5,000
G2R-2-S Life expectancy (x103 operations)
5,000
G2R-13-S, G2R-1A3-S
10,000 7,000 5,000 3,000 1,000 700 500 300 100 70 50 30 250-VAC/30-VDC resistive load
1,000 500
250-VAC/30-VDC resistive load 250-VAC inductive load (cos = 0.4)
1,000 500 30-VDC inductive load (L/R = 7ms) 250-VAC/30-VDC resistive load
100 50 30-VDC inductive load (L/R = 7ms)
100 50
250-VAC inductive load (cos = 0.4)
250-VAC (cos = 0.4)/30-VDC (L/R = 7 ms) inductive load
Switching current (A)
Switching current (A)
Switching current (A)
Ambient Temperature vs Maximum Voltage
Maximum voltage (%)
DC coil
AC coil
Note:
The maximum voltage refers to the maximum value in a varying range of operating power voltage, not a continuous voltage.
Ambient temperature (C)
6
G2RS
G2RS
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated. 2. Orientation marks are indicated as follows:
Relays with Plug-in Terminals
SPDT Relays
G2R-1-S, G2R-1-SD, G2R-1-SN, G2R-1-SND, G2R-1-SNI, G2R-1-SNDI G2R-13-S, G2R-13-SD, G2R-13-SN, G2R-13-SND
29 max. (28.6)* 2.5 2 29 max. (28.2)* 13 max. (12.7)* 10
Terminal Arrangement/Internal Connections (Bottom View) G2R-1-S, G2R-13-S G2R-1-SN, G2R-1-SNI, G2R-13-SN (AC)
1 2 5 4 3 5 1 2 4 3
G2R-1-SN, G2R-1-SNI, G2R-13-SN (DC)
20
G2R-1-SD, G2R-13-SD (DC)
1 - +
1
5
- +
2 5
4
3
2 5
4
3
*
0.5 4.75
4 Three 0.9 x 3 elliptic holes 7.5
*This terminal is SPDT only.
*Average value
5.2 17.5 5.2
G2R-1-SND, G2R-1-SNDI, G2R-13-SND (DC)
1
13 max. 7.3 max.
- + 5
(After confirming coil polarity, wire correctly.) (Except G2R-1-S, G2R-13-S)
2
4
3
29 max. 4.1 max.
29 max.
DPDT Relays
G2R-2-S, G2R-2-SD, G2R-2-SN, G2R-2-SNI, G2R-2-SNDI G2R-2-SND 13 max.
29 max. (28.5)* 2.5 2 28 max. (27.0)* (12.5)* 10
Terminal Arrangement/Internal Connections (Bottom View) G2R-2-S G2R-2-SN G2R-2-SNI (AC)
1 2 3 4 1 2 3 4
8
20
7
6
5
8
7
6
5
6 4 0.5 2.6
G2R-2-SN G2R-2-SNI (DC)
1 - + 8 7 6 5 2 3 4
G2R-2-SD (DC)
1 - + 8 7 6 5 2 3 4
7.5
8.9
*Average value
5
5 19.4 13 max. 7.3 max. 4.1 max.
G2R-2-SND G2R-2-SNDI (DC)
1 - + 8 7 6 5 2 3 4
29 max.
(After confirming coil polarity, wire correctly.)
29 max.
7
G2RS
Track/Surface Mounting Sockets
P2RF-05-E
M3.5 screw 59 max. 48 max. (11)
2
G2RS
Terminal Arrangement (Top View)
Mounting Holes (for Surface Mounting)
3.2-dia. hole
4
39.5 85.5 max. 3.5-dia. hole 35.5
(14)
3
(12) 39.50.1
(A1) (A2) 16.0 max. 11.5 61 max.
5
1
M3 or 3.5-dia. hole
Note:
Pin numbers in parentheses apply to DIN standard. Terminal Arrangement (Top View) Mounting Holes (for Surface Mounting)
P2RF-08-E
2 1.5 63.0 max. M3 screw 48.0 max. 3 2
39.5 85.5 max. 3.5-dia. hole 35.5
(21) (22) (24)
6 7 5
3 2 4
(11) (12) (14)
3.2-dia. hole
39.50.1
8
(A1)
1
(A2) 5 16.0 max. 11.5 61.0 max.
M3 or 3.5-dia. hole
P2RF-05
2 7 Five M3.5 x 8
Terminal Arrangement
4-dia. holes
Mounting Holes (for Surface Mounting)
4.2-dia. hole
71.5 max.
35.5 300.05
4
19.5 19.5 max. 30 max. 54 max. M3 or 3.2-dia. hole
P2RF-08
7 2 Eight M3.5 x 8 4-dia. holes 4.2-dia. hole 71.5 max. 35.5
Terminal Arrangement
Mounting Holes (for Surface Mounting)
300.05
4
19.5 max.
19.5 30 max. 54 max.
M3 or 3.2-dia. hole
8
G2RS
Back Connecting Sockets
P2R-05P (1-pole)
1 4 7 14.5 max.
G2RS
Terminal Arrangement
Mounting Holes
Tolerance: 0.1 4 Five 1.6-dia. holes
6 4.5 15 1.2 4 3.5 1.5 7 4 7 36 max. 4 15 35.5 max. 6 4.5
(5)
P2R-08P (2-pole)
Terminal Arrangement
4 0.3 5 5 20 1 2.8 1.5 7.5 Terminal plate thickness: 0.3 36 max. (4.3) 35.5 max. 5 5 20 7 14.5 max. 7.5 Eight 1.3-dia. holes
Mounting Holes
P2R-05A (1-pole)
0.3 6.7 3.8 16.7 5
5
7 1.2
14.5 max.
Terminal Arrangement
35.5 max.
Panel Cutout
Five 3 x 1.8-dia. holes 13.60.1 6
Terminal plate thickness: 0.3
36 max. 30.50.2
P2R-08A (2-pole)
7 0.3 5 5 35.5 max. 20 2.8 2.8 Eight 3 x 1.2-dia. holes 2.6 7 1.2 Recommended thickness of the panel is 1.6 to 2.0 mm 14.5 max.
7.5 Terminal plate thickness: 0.3
36 max.
9
G2RS
Mounting Height of Relay with Socket
G2R Relay G2R Relay 36 P2R-_P Socket 30 P2R-_A Socket
G2RS
Mounting Tracks
PFP-100N, PFP-50N PFP-100N2
16 7.30.15 4.5 350.3 15 25 10 25 L 25 10 25 * 270.15 1 15 25 10 25 L 25 10 25 15 4.5 350.3 27 24 1 29.2 1.5
It is recommended to use a panel 1.6 to 2.0 mm thick. L: Length 1m 50 cm 1m PFP-100N PFP-50N PFP-100N2
End Plates
PFP-M
10 6.2 1.8
Spacers
PFP-S
5 16 12
1 50 35.5 35.3 1.8 44.3 34.8
11.5 10M4 x 8 pan head screw
1.3 4.8 16.5
Mounting Plates
P2R-P
90 R2.25 10 elliptic holes 4.5 13.6
3.4
49 420.1
30.5
Square hole 180.15 90.1 180.15 90.1 180.15 180.15 t = 1.6 mm 720.2
10
G2RS
G2RS
11
G2RS
G2RS
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. J114-E1-1A
In the interest of product improvement, specifications are subject to change without notice.
OMRON Corporation
C&C Components Division H.Q. Relay Division 28th Fl., Crystal Tower Bldg., 1-2-27, Shiromi, Chuo-ku, Osaka 540-6028 Japan Phone: (81)6-949-6125 Fax: (81)6-949-6134
Printed in Japan 1098-4M (0898) a
12


▲Up To Search▲   

 
Price & Availability of G2R-1-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X